PART |
Description |
Maker |
2SC4092 2SC4092R4 2SC4092RD 2SC4092R5 2SC4092-T1 2 |
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT For amplify high frequency and low noise.
|
NEC Corp. NEC[NEC]
|
2SK2218 2SK2218-5 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-Frequency Low-Noise Amp Applications
|
Sanyo Semicon Device
|
MAX8882 MAX8882EUTA5 MAX8882EUTAQ MAX8882EUTGG MAX |
Dual / Low-Noise / Low-Dropout / 160mA Linear Regulators in SOT23 SPANISH OAK REVD 56MHZ Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL9014IRFDZ ISL9014IRKPZ ISL9014IRPLZ ISL9014IRPP |
Dual LDO with Low Noise, Low IQ and High PSRR Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil Corporation Intersil, Corp.
|
ISL9000AIRPLZ ISL9000AIRPPZ ISL9000AIRCJZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Intersil, Corp. Intersil Corporation
|
ISL9011IRLLZ ISL9011IRLBZ ISL9011IRKNZ ISL9011IRKK |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Low IQ, and High PSRR 双路LDO稳压器具有低噪音,低智商,及高PSRR CAC 7C 7#16S SKT PLUG Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Body Diameter:10mm; Capacitance:470uF RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
2N4221 2N4222 2N4220 PN3685 PN3686 PN3687 PN4360 2 |
Junction FETs Low Frequency/ Low Noise N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-92
|
http:// CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SD661 2SD661A |
Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
|
PANASONIC[Panasonic Semiconductor]
|
2SC5473 2SC547 |
Silicon NPN epitaxial planer type(For low-voltage low-noise high-frequency oscillation)
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
BSR58 |
N-Channel Low-Frequency Low-Noise Amplifier
|
FAIRCHILD[Fairchild Semiconductor]
|